PART |
Description |
Maker |
MC145583DW ML145583 ML145583-7P |
3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
|
http:// LANSDALE Semiconductor Inc.
|
145406 MC145406DW MC145406P MC145406SD MC145406 MC |
Driver/Receiver EIA 232-E and CCITT V.28 Driver/Receiver(EIA 232-E and CCITT V.28(Formerly RS-232-D) Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D) EIA 232- and CCITT V.28 (Formerly RS?32-) From old datasheet system
|
MOTOROLA[Motorola Inc] Motorola, Inc ON Semi
|
MAX3314 MAX3314CKA MAX3314CSA MAX3314CUA MAX3314EK |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 460kbps, 1µA, RS-232-Compatible Transceiver LINE TRANSCEIVER, PDSO8 460kbps, 1μA, RS-232-Compatible Transceiver 460kbps, 1A, RS-232-Compatible Transceiver " 460kbps, 1?A, RS-232-Compatible Transceiver" 460kbps 1A RS-232-Compatible Transceiver 460kbps, 1レA, RS-232-Compatible Transceiver 460kbps, 1µA, RS-232-Compatible Transceiver 460kbps / 1A / RS-232-Compatible Transceiver
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX251 MAX251CPD MAX251CSD MAX251EJD MAX251EPD MAX |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V Powered Isolated RS-232 Drivers/Receivers From old datasheet system 5V, Isolated, RS-232 Driver Receiver Hex schmitt-trigger inverters 14-SO 0 to 70
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MC145407 |
5 Volt Only Driver/Receiver EIA-232-E and CCITT V.28 Advance Information 5 Volt Only Drlver/Recelver EIA-232-E and CCITT V.28
|
Motorola
|
UPD4723GS-GJG UPD4723 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
|
NEC Corp. NEC[NEC]
|
SP3220ECY-L SP3220EUCY-L SP3220EBEA-L-TR SP3220EBE |
3.0V to 5.5V RS-232 Driver/Receiver Pair
|
Exar Corporation
|
UPD4714A UPD4714ACY UPD4714AGT |
RS-232 LINE DRIVER/RECEIVER
|
NEC[NEC]
|
SP385E-1CA-L SP385E-1CA-L/TR SP385E-1CA/TR SP385E- |
True 3V or 5V RS-232 Line Driver/Receiver
|
Sipex Corporation
|
ADM202JRN ADM202JRW |
High Speed/ 5 V/ 0.1 uF CMOS RS-232 Driver/Receivers
|
Analog Devices
|